PART |
Description |
Maker |
TDA7332D TDA7332 |
RDS FILTER
|
STMicroelectronics
|
TDA7331D |
SINGLE CHIP RDS DEMODULATOR FILTER SINGLE CHIP RDS DEMODULATOR FILTER
|
ST Microelectronics STMicroelectronics
|
TDA7479D TDA7479 TDA7B479D |
SINGLE CHIP RDS DEMODULATOR FILTER SINGLE CHIP RDS DEMODULATOR FILTER SINGLE CHIP RDS DEMODULATOR FILTER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
S8119 |
MOSFET, Switching; VDSS (V): 60; ID (A): 1.5; Pch : 0.8; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.173]; RDS (ON) typ. (ohm) @2.5V: 0.207; Ciss (pF) typ: 200; toff (µs) typ: 0.035; Package: MPAK 图片集成电路光开
|
Hamamatsu Photonics K.K.
|
S4402 |
MOSFET, Switching; VDSS (V): 600; ID (A): 16; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.475; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
LC72720YV LC72720Y |
FMSS (DARC) and RDS Devices: RDS/RBDS single-chip signal processing Single-Chip RDS Signal-Processing System IC CMOS IC
|
Sanyo
|
S3921 S3921-512Q S3921-128Q |
NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit MOSFET, Switching; VDSS (V): 500; ID (A): 12; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.515; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: TO-220FN
|
Hamamatsu Photonics
|
KDS8958 |
N-Channel 7.0 A, 30 V RDS(ON) = 0.028 RDS(ON) = 0.040 Fast switching speed Dual N & P-Channel PowerTrench MOSFET
|
TY Semiconductor Co., L... TY Semicondutor
|
S29GL064M90FBIR00 S29GL064M90FCIR02 S29GL064M90FCI |
MOSFET, Switching; VDSS (V): 300; ID (A): 88; Pch : 150; RDS (ON) typ. (ohm) @10V: 0.042; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 5000; toff (µs) typ: -; Package: TO-3P MOSFET, Switching; VDSS (V): 30; ID (A): 60; Pch : 90; RDS (ON) typ. (ohm) @10V: 0.0046; RDS (ON) typ. (ohm) @4V[4.5V]: [0.008]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2500; toff (µs) typ: 0.07; Package: TO-220AB MOSFET, Switching; VDSS (V): 60; ID (A): 70; Pch : 80; RDS (ON) typ. (ohm) @10V: 0.006; RDS (ON) typ. (ohm) @4V[4.5V]: [0.008]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 6200; toff (µs) typ: 0.125; Package: LDPAK (S)- (2) MOSFET, Switching; VDSS (V): 60; ID (A): 70; Pch : 80; RDS (ON) typ. (ohm) @10V: 0.006; RDS (ON) typ. (ohm) @4V[4.5V]: [0.008]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 6200; toff (µs) typ: 0.125; Package: LDPAK (L) MOSFET, Switching; VDSS (V): 150; ID (A): 70; Pch : -; RDS (ON) typ. (ohm) @10V: 0.022; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 5100; toff (µs) typ: -; Package: TO-3P MOSFET, Switching; VDSS (V): 200; ID (A): 25; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.036; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2200; toff (µs) typ: 0.11; Package: TO-220FN MOSFET, Switching; VDSS (V): 200; ID (A): 96; Pch : 150; RDS (ON) typ. (ohm) @10V: 0.02; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 4900; toff (µs) typ: 0.22; Package: TO-3P MOSFET, Switching; VDSS (V): 290; ID (A): 18; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.07; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2200; toff (µs) typ: 0.11; Package: TO-220FN MOSFET, Switching; VDSS (V): 230; ID (A): 35; Pch : -; RDS (ON) typ. (ohm) @10V: 0.03; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 5200; toff (µs) typ: -; Package: TO-3PFM MOSFET, Switching; VDSS (V): 300; ID (A): 40; Pch : 150; RDS (ON) typ. (ohm) @10V: 0.058; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 5150; toff (µs) typ: 0.22; Package: TO-3P 3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology 3.0伏只页面模式闪存具有0.23微米工艺技术的MirrorBit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology 4M X 16 FLASH 3V PROM, 90 ns, PDSO48 3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology 4M X 16 FLASH 3V PROM, 90 ns, PBGA64 3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology 16M X 16 FLASH 3V PROM, 100 ns, PDSO56 3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology 8M X 16 FLASH 3V PROM, 90 ns, PDSO56 3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology 8M X 8 FLASH 3V PROM, 90 ns, PBGA63 MOSFET, Switching; VDSS (V): 30; ID (A): 30; Pch : 50; RDS (ON) typ. (ohm) @10V: 0.008; RDS (ON) typ. (ohm) @4V[4.5V]: 0.013 (5V); RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1400; toff (µs) typ: 0.055; Package: LDPAK (L)
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
IRFN140SMD |
ER CET 0 22 A, 100 V, 0.125 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Power MOSFET(Vdss:100V,Id(cont):13.9A,Rds(on):0.077Ω)(N沟道功率MOS场效应管(Vdss:100V,Id(cont):13.9A,Rds(on):0.077Ω)) N沟道功率MOSFET(减振钢板基本:100V的,身份证(续)3.9A,的Rds(on):0.077Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本100V的,身份证(续)3.9A时,RDS(对):0.077Ω))
|
TT electronics Semelab, Ltd. International Rectifier, Corp. Seme LAB
|